Part Number Hot Search : 
ZMM5221B LPR5150A AT43312 2N6042G 2SC5371 2SB912 M2576T TAIPRS
Product Description
Full Text Search
 

To Download CAT525P-TE10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT525
Configured Digitally Programmable Potentiometer (DPPTM): Programmable Voltage Applications
H
GEN FR ALO
EE
LE
A D F R E ETM
FEATURES
s Four 8-bit DPPs configured as programmable s Single supply operation: 2.7V - 5.5V s Setting read-back without effecting outputs
voltage sources in DAC-like applications
s Independent reference inputs s Buffered wiper outputs s Non-volatile NVRAM memory wiper storage s Output voltage range includes both supply rails s 4 independently addressable buffered
APPLICATIONS
s Automated product calibration s Remote control adjustment of equipment s Offset, gain and zero adjustments in
output wipers
s 1 LSB accuracy, high resolution s Serial Microwire-like interface
self-calibrating and adaptive control systems
s Tamper-proof calibrations s DAC (with memory) substitute
DESCRIPTION
The CAT525 is a quad 8-bit digitally programmable potentiometer (DPPTM) configured for programmable voltage and DAC-like applications. Intended for final calibration of products such as camcorders, fax machines and cellular telephones on automated high volume production lines and systems capable of self calibration, it is also well suited for applications were equipment requiring periodic adjustment is either difficult to access or located in a hazardous environment. The CAT525 offers four independently programmable DPPs each having its own reference inputs and each capable of rail to rail output swing. The wipers are buffered by rail to rail op amps. Wiper settings, stored in non-volatile NVRAM memory, are not lost when the device is powered down and are automatically reinstated when power is returned. Each wiper can be dithered to FUNCTIONAL DIAGRAM
V REF H1 V REF H3 V REF H4 19
test new output values without effecting the stored settings and stored settings can be read back without disturbing the DPP's output. Control of the CAT525 is accomplished with a simple 3wire, Microwire-like serial interface. A Chip Select pin allows several CAT525's to share a common serial interface and communications back to the host controller is via a single serial data line thanks to the CAT525's TriStated Data Output pin. A RDY/BSY output working in concert with an internal low voltage detector signals proper operation of non-volatile NVRAM Memory Erase/ Write cycle. The CAT525 is available in the 0C to 70C commercial and -40C to 85C industrial operating temperature ranges and offered in 20-pin plastic DIP and surface mount packages. PIN CONFIGURATION
DIP Package (P, L) SOIC Package (J, W)
VREFH2 VREF H1 VDD CLK RDY/BSY CS DI DO PROG GND 1 2 3 4 5 20 19 18 17 16 VREF H3 VREF H4 VOUT1 VOUT2 VOUT3 VOUT4 VREFL4 VREFL3 VREFL2 VREF L1
V REF H2 2 1 20
RDY/BSY
5
+
PROG 9 PROGRAM CONTROL
-
18
V OUT1
VREFH2 VREF H1
1 2 3 4 5 6
20 19 18 17 16
VREF H3 VREF H4 VOUT1 VOUT2 VOUT3 VOUT4 VREFL4 VREFL3 VREFL2 VREF L1
CLK
4 DATA CONTROLLER
WIPER CONTROL REGISTERS AND NVRAM
+
-
17
V OUT2
VDD CLK
+
-
16
CS
6
V OUT3
RDY/BSY CS
DI
7
+
-
15
V OUT4
DI DO
15 CAT525 7 14 8 9 10 13 12 11
15 6 CAT525 7 14 8 9 10 13 12 11
24k (ea)
H.V. CHARGE PUMP
SERIAL DATA OUTPUT REGISTER 8
DO
PROG GND
CAT525
11
12
13
14 VREFL4
VREFL2 V REFL1
VREFL3
(c) 2004 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 2001, Rev. E
CAT525
ABSOLUTE MAXIMUM RATINGS Supply Voltage* VDD to GND ...................................... -0.5V to +7V Inputs CLK to GND ............................ -0.5V to VDD +0.5V CS to GND .............................. -0.5V to VDD +0.5V DI to GND ............................... -0.5V to VDD +0.5V RDY/BSY to GND ................... -0.5V to VDD +0.5V PROG to GND ........................ -0.5V to VDD +0.5V VREFH to GND ........................ -0.5V to VDD +0.5V VREFL to GND ......................... -0.5V to VDD +0.5V Outputs D0 to GND ............................... -0.5V to VDD +0.5V VOUT 1- 4 to GND ................... -0.5V to VDD +0.5V RELIABILITY CHARACTERISTICS Symbol
VZAP(1) ILTH(1)(2)
Operating Ambient Temperature Commercial (`C' or Blank suffix) ...... 0C to +70C Industrial (`I' suffix) ........................ -40C to +85C Junction Temperature ..................................... +150C Storage Temperature ........................ -65C to +150C Lead Soldering (10 sec max) .......................... +300C
* Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Absolute Maximum Ratings are limited values applied individually while other parameters are within specified operating conditions, and functional operation at any of these conditions is NOT implied. Device performance and reliability may be impaired by exposure to absolute rating conditions for extended periods of time.
Parameter
ESD Susceptibility Latch-Up
Min
2000 100
Max
Units
Volts mA
Test Method
MIL-STD-883, Test Method 3015 JEDEC Standard 17
NOTES: 1. This parameter is tested initially and after a design or process change that affects the parameter. 2. Latch-up protection is provided for stresses up to 100mA on address and data pins from -1V to VCC + 1V.
POWER SUPPLY Symbol Parameter IDD1 IDD2 Supply Current (Read) Supply Current (Write) Conditions Normal Operating Programming, VDD = 5V VDD = 3V VDD Operating Voltage Range Min -- -- -- 2.7 Typ 400 1600 1000 -- Max 600 2500 1600 5.5 Units A A A V
LOGIC INPUTS Symbol IIH IIL VIH VIL Parameter Input Leakage Current Input Leakage Current High Level Input Voltage Low Level Input Voltage Conditions VIN = VDD VIN = 0V Min -- -- 2 0 Typ -- -- -- -- Max 10 -10 VDD 0.8 Units A A V V
LOGIC OUTPUTS Symbol Parameter VOH VIL High Level Output Voltage Low Level Output Voltage Conditions IOH = -40A IOL = 1 mA, VDD = +5V IOL = 0.4 mA, VDD = +3V Min VDD -0.3 -- -- Typ -- -- -- Max -- 0.4 0.4 Units V V V
Doc. No. 2001, Rev. E
2
CAT525
POTENTIOMETER CHARACTERISTICS VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified Symbol RPOT Parameter Potentiometer Resistance RPOT to RPOT Match Pot Resistance Tolerance Voltage on VREFH pin Voltage on VREFL pin Resolution INL DNL ROUT IOUT TCRPOT CH/CL Integral Linearity Error Differential Linearity Error Buffer Output Resistance Buffer Output Current TC of Pot Resistance Potentiometer Capacitances 300 8/8 2.7 0V 0.4 0.5 0.25 1 0.5 10 3 -- Conditions Min Typ 24 +0.5 +1 +20 VDD VDD - 2.7 Max Units k % % V V % LSB LSB mA ppm/C pF
AC ELECTRICAL CHARACTERISTICS: VDD = +2.7V to +5.5V, VREFH = VDD, VREFL = 0V, unless otherwise specified Symbol Digital
tCSMIN tCSS tCSH tDIS tDIH tDO1 tDO0 tHZ tLZ tBUSY tPS tPROG tCLKH tCLKL fC Minimum CS Low Time CS Setup Time CS Hold Time DI Setup Time DI Hold Time Output Delay to 1 Output Delay to 0 Output Delay to High-Z Output Delay to Low-Z Erase/Write Cycle Time PROG Setup Time Minimum Pulse Width Minimum CLK High Time Minimum CLK Low Time Clock Frequency DPP Settling Time to 1 LSB 150 100 0 50 50 -- -- -- -- -- 150 700 500 300 DC -- -- -- -- -- -- -- -- -- 400 400 4 -- -- -- -- -- 3 6 -- -- -- -- -- 150 150 -- -- 5 -- -- -- -- 1 10 10 ns ns ns ns ns ns ns ns ns ms ns ns ns ns MHz s s
Parameter
Conditions
Min
Typ
Max
Units
CL=100pF, see note 1
Analog
tDS CLOAD = 10 pF, VDD = +5V CLOAD = 10 pF, VDD = +3V
NOTES: 1. All timing measurements are defined at the point of signal crossing VDD / 2. 2. These parameters are periodically sampled and are not 100% tested.
3
Doc. No. 2001, Rev. E
CAT525
TIMING MIN/MAX FROM TO
A. C. TIMING DIAGRAM
Doc. No. 2001, Rev. E
to 1 2 3 4 5
PARAM NAME
t CLK H t CLK H Rising CLK edge to falling CLK edge
Min
CLK t CLK L Falling CLK edge to CLK rising edge t CSH t CLK L t CSS t CSH Falling CLK edge for last data bit (DI) to falling CS edge Rising CS edge to next rising CLK edge Min Min
t CSS
Min
CS t CSMIN t CSMIN Falling CS edge to rising CS edge t DIS Data valid to first rising CLK edge after CS = high Min
Min
t DIS
DI t DIH t DIH t DO0 t LZ t DO0 Rising CLK edge to end of data valid Min
4
Rising CLK edge to D0 = low Rising CS edge to D0 becoming high low impedance (active output) Max (Max) t HZ t DO1 t DO1 t HZ Rising CLK edge to D0 = high Falling CS edge to D0 becoming high impedance (Tri-State) t PS t PS t PROG Max (Max) Rising PROG edge to next rising CLK edge t PROG Rising PROG edge to falling PROG edge t BUSY Falling CLK edge after PROG=H to rising RDY/BSY edge t BUSY Min Min Max 1 2 3 4 5
t LZ
DO
PROG
RDY/BSY
to
CAT525
PIN DESCRIPTION Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
CDPP/DPP addressing is as follows: Function
Maximum DPP 2 output voltage Maximum DPP 1 output voltage Power supply positive Clock input pin Ready/Busy output Chip select Serial data input pin Serial data output pin Non-volatile Memory Programming Enable Input Power supply ground Minimum DPP 1 output voltage Minimum DPP 2 output voltage Minimum DPP 3 output voltage Minimum DPP 4 output voltage DPP 4 output DPP 3 output DPP 2 output DPP 1 output Maximum DPP 4 output voltage Maximum DPP 3 output voltage
Name
VREFH2 VREFH1 VDD CLK RDY/BSY CS DI DO PROG GND VREFL1 VREFL2 VREFL3 VREFL4 VOUT4 VOUT3 VOUT2 VOUT1 VREFH4 VREFH3
DPP OUTPUT VOUT1 VOUT2 VOUT3 VOUT4
A0 0 1 0 1
A1 0 0 1 1
DEVICE OPERATION The CAT525 is a quad 8-bit configured digitally programmable potentiometer (DPP/CDPP) whose outputs can be programmed to any one of 256 individual voltage steps. Once programmed, these output settings are retained in non-volatile memory and will not be lost when power is removed from the chip. Upon power up the DPPs return to the settings stored in non-volatile memory. Each confitured DPP can be written to and read from independently without effecting the output voltage during the read or write cycle. Each output can also be adjusted without altering the stored output setting, which is useful for testing new output settings before storing them in memory. DIGITAL INTERFACE The CAT525 employs a 3 wire serial, Microwire-like control interface consisting of Clock (CLK), Chip Select (CS) and Data In (DI) inputs. For all operations, address and data are shifted in LSB first. In addition, all digital data must be preceded by a logic "1" as a start bit. The DPP address and data are clocked into the DI pin on the clock's rising edge. When sending multiple blocks of information a minimum of two clock cycles is required between the last block sent and the next start bit. Multiple devices may share a common input data line by selectively activating the CS control of the desired IC. Data Outputs (DO) can also share a common line because the DO pin is Tri-Stated and returns to a high
5
impedance when not in use. CHIP SELECT Chip Select (CS) enables and disables the CAT525's read and write operations. When CS is high data may be read to or from the chip, and the Data Output (DO) pin is active. Data loaded into the DPP wiper control registers will remain in effect until CS goes low. Bringing CS to a logic low returns all DPP outputs to the settings stored in non-volatile memory and switches DO to its high impedance Tri-State mode. Because CS functions like a reset the CS pin has been desensitized with a 30 ns to 90 ns filter circuit to prevent noise spikes from causing unwanted resets and the loss of volatile data. CLOCK The CAT525's clock controls both data flow in and out of the IC and non-volatile memory cell programming. Serial data is shifted into the DI pin and out of the DO pin on the clock's rising edge. While it is not necessary for the clock to be running between data transfers, the clock must be operating in order to write to non-volatile memory, even though the data being saved may already be resident in the DPP wiper control register. No clock is necessary upon system power-up. The CAT525's internal power-on reset circuitry loads data from non-volatile memory to the DPPs without using the external clock.
Doc. No. 2001, Rev. E
CAT525
As data transfers are edge triggered clean clock transitions are necessary to avoid falsely clocking data into the control registers. Standard CMOS and TTL logic families work well in this regard and it is recommended that any mechanical switches used for breadboarding or device evaluation purposes be debounced by a flip-flop or other suitable debouncing circuit. VREF VREF, the voltage applied between pins VREFH &VREFL, sets the configured DPP's Zero to Full Scale output range where VREFL = Zero and VREFH = Full Scale. VREF can span the full power supply range or just a fraction of it. In typical applications VREFH &VREFL are connected across the power supply rails. When using less than the full supply voltage be mindfull of the limits placed on VREFH and VREFL as specified in the References section of DC Electrical Characteristics. BUSY READY/BUSY When saving data to non-volatile memory, the Ready/ Busy ouput (RDY/BSY) signals the start and duration of the erase/write cycle. Upon receiving a command to store data (PROG goes high) RDY/BSY goes low and remains low until the programming cycle is complete. During this time the CAT525 will ignore any data appearing at DI and no data will be output on DO. RDY/BSY is internally ANDed with a low voltage detector circuit monitoring VDD. If VDD is below the minimum value required for EEPROM programming, RDY/BSY will remain high following the program command indicating a failure to record the desired data in non-volatile memory. DATA OUTPUT Data is output serially by the CAT525, LSB first, via the Data Out (DO) pin following the reception of a start bit and two address bits by the Data Input (DI). DO becomes active whenever CS goes high and resumes its high impedance Tri-State mode when CS returns low. Tri-Stating the DO pin allows several 525s to share a Figure 1. Writing to Memory
to 1 2 3 4 5 6 7 8 9 10 11 12 N N+1 N+2
single serial data line and simplifies interfacing multiple 525s to a microprocessor. WRITING TO MEMORY Programming the CAT525's non-volatile memory is accomplished through the control signals: Chip Select (CS) and Program (PROG). With CS high, a start bit followed by a two bit DPP address and eight data bits are clocked into the DPP wiper control register via the DI pin. Data enters on the clock's rising edge. The DPP output changes to its new setting on the clock cycle following D7, the last data bit. Programming is accomplished by bringing PROG high sometime after the start bit and at least 150 ns prior to the rising edge of the clock cycle immediately following the D7 bit. Two clock cycles after the D7 bit the DPP control register will be ready to receive the next set of address and data bits. The clock must be kept running throughout the programming cycle. Internal control circuitry takes care of generating and ramping up the programming voltage for data transfer to the non-volatile memory cells. The CAT525's non-volatile memory cells will endure over 100,000 write cycles and will retain data for a minimum of 20 years without being refreshed. READING DATA Each time data is transferred into a DPP wiper control register currently held data is shifted out via the D0 pin, thus in every data transaction a read cycle occurs. Note, however, that the reading process is destructive. Data must be removed from the register in order to be read. Figure 2 depicts a Read Only cycle in which no change occurs in the DPP's output. This feature allows Ps to poll DPPs for their current setting without disturbing the output voltage but it assumes that the setting being read is also stored in non-volatile memory so that it can be restored at the end of the read cycle. In Figure 2 CS returns low before the 13th clock cycle completes. In doing so the non-volatile memory setting is reloaded into the DPP wiper control register. Since this value is the Figure 2. Reading from Memory
to 1 2 3 4 5 6 7 8 9 10 11 12
CS NEW DPP DATA DI 1 A0 A1 D0 D1 D2 D3 D4 D5 D6 D7
CS
DI
1
A0
A1 CURRENT DPP DATA
CURRENT DPP DATA DO D0 D1 D2 D3 D4 D5 D6 D7
DO
D0
D1
D2
D3
D4
D5
D6
D7
PROG
PROG
RDY/BSY
RDY/BSY
DPP OUTPUT
CURRENT DPP VALUE
NON-VOLATILE
NEW DPP VALUE
VOLATILE
NEW DPP VALUE
NON-VOLATILE
DPP OUTPUT
CURRENT DPP VALUE
NON-VOLATILE
Doc. No. 2001, Rev. E
6
CAT525
same as that which had been there previously no change in the DPP's output is noticed. Had the value held in the control register been different from that stored in nonvolatile memory then a change would occur at the read cycle's conclusion. TEMPORARILY CHANGE OUTPUT The CAT525 allows temporary changes in DPP's output to be made without disturbing the settings retained in non-volatile memory. This feature is particularly useful when testing for a new output setting and allows for user adjustment of preset or default values without losing the original factory settings. Figure 3 shows the control and data signals needed to effect a temporary output change. DPP settings may be changed as many times as required and can be made to any of the four DPPs in any order or sequence. The temporary setting(s) remain in effect long as CS remains high. When CS returns low all four DPPs will return to the output values stored in non-volatile memory. When it is desired to save a new setting acquired using this feature, the new value must be reloaded into the DPP control register prior to programming. This is because the CAT525's internal control circuitry discards from the programming register the new data two clock cycles after receiving it if no PROG signal is received. APPLICATION CIRCUITS
+5V Vi RI +15V VDD CONTROL & DATA VREFH VDPP RF
Figure 3. Temporary Change in Output
to 1 2 3 4 5 6 7 8 9 10 11 12 N N+1 N+2
CS
NEW DPP DATA 1 A0 A1 D0 D1 D2 D3 D4 D5 D6 D7
DI
CURRENT DPP DATA DO D0 D1 D2 D3 D4 D5 D6 D7
PROG
RDY/BSY
DPP OUTPUT
CURRENT DPP VALUE
NON-VOLATILE
NEW DPP VALUE
VOLATILE
CURRENT DPP VALUE
NON-VOLATILE
DPP INPUT
DPP OUTPUT CODE VDPP = ------ (VFS - VZERO ) + VZERO 255 VFS = 0.99 VREF
ANALOG OUTPUT
- +
-15V
V
OUT
MSB 1111
LSB 1111
VZERO = 0.01 VREF 255 ---- (.98 VREF ) + .01 V = .990 V REF REF 255 128 ---- (.98 V ) + .01 V = .502 V REF REF REF 255 127 (.98 V ---- ) + .01 V = .498 V 255 REF REF REF 1 ---- (.98 V ) + .01 V = .014 V 255 REF REF REF 0 ---- (.98 V ) + .01 VREF = .010 V REF REF 255
VREF = 5V R I = RF V OUT = +4.90V V = +0.02V OUT V = -0.02V OUT V = -4.86V OUT V = -4.90V OUT
CAT525
GND VREFL
OP 07
1000 0111 0000
0000 1111 0001
VOUT = VDPP ( RI+ RF) -VI R F RI For R I = RF VOUT = 2VDPP -VI
0000
0000
Bipolar DPP Output
+5V RI +15V VDD CONTROL & DATA VREFH RF
- + OP 07
VOUT
CAT525
GND VREFL
-15V
RF VOUT = (1 + ---) V DPP RI
A lifi d DAC O Amplified DPP Output
7
Doc. No. 2001, Rev. E
CAT525
APPLICATION CIRCUITS (Cont.)
+5V +VREF VREFH
VREF RC = ---------- 256 * 1 A +5V VREF VREFH Fine adjust gives 1 LSB change in V OFFSET VREF when VOFFSET = ------ 2 127RC
VDD
FINE ADJUST DPP
127RC (+VREF ) - (VOFFSET+ ) RC = ---------------------- 1 A (-VREF ) + (VOFFSET+ ) Ro = ---------------------- 1 A
VDD
FINE ADJUST DPP
COARSE ADJUST DPP
RC
+V COARSE ADJUST DPP RC VOFFSET
GND
VREFL Ro -VREF VOFFSET
+V
+ -
+ -
-V
GND
VREFL
Coarse-Fine Offset Control by Averaging DPP Outputs for Single Power Supply Systems
Coarse-Fine Offset Control by Averaging DPP Outputs for Dual Power Supply Systems
28 - 32V
V+
I > 2 mA
15K 10 F
VDD CONTROL & DATA
VREFH
VREF = 5.000V
VDD
1N5231B
VREFH 5.1V 10K
CAT525
GND VREFL
LT 1029
CONTROL & DATA
CAT525 CAT525
GND VREFL
+ - LM 324
MPT3055EL
OUTPUT 4.02 K 1.00K 10 F 35V 0 - 25V @ 1A
Digitally Trimmed Voltage Reference
Digitally Controlled Voltage Reference
Doc. No. 2001, Rev. E
8
CAT525
APPLICATION CIRCUITS (Cont.)
+5V VREF VIN
1.0 F + - VDD VREFH
LM 339
10K +5V WINDOW 1 VREF WINDOW 1
CAT525
VPP
+ - + - +5V + 10K WINDOW 2
DPP 1
VOUT 1 WINDOW 2 VOUT 2
CS
-
DI
DPP 2
+ - +5V + 10K WINDOW 3 WINDOW 3
DO
-
PROG
DPP 3
+ - +5V + 10K WINDOW 4
VOUT 3 WINDOW 4 VOUT 4 WINDOW 5 GND WINDOW 5
CLK
-
DPP 4
+ - +5V + 10K
GND
VREFL
WINDOW STRUCTURE
-
Staircase Window Comparator
+5V VREF VIN
1.0 F
VDD
VREFH
+ - +5V + -
LM 339
10K WINDOW 1
CAT525
VPP
DPP 1
VREF H CS WINDOW 1
DI
DPP 2
+ - +5V + 10K WINDOW 2 VOUT 1
V 2 OUT
WINDOW 2 V 4 OUT
DO
-
PROG
DPP 3
VOUT 3 WINDOW 3
CLK
GND
DPP 4
+ - +5V + 10K WINDOW 3
WINDOW STRUCTURE
GND
VREFL
-
Overlapping Window Comparator
9
Doc. No. 2001, Rev. E
CAT525
APPLICATION CIRCUITS (Cont.)
+5V 2.2K VDD VREF 4.7 A
LM385-2.5
+15V
ISINK = 2 - 255 mA
DPP1
+5V 10K
+ -
10K
2N7000
39 1W 39 1W
1 mA steps
CONTROL & DATA
CAT525
DPP2
+ 2N7000 -
5 A steps
GND
VREFL
5M
5M
3.9K
10K
10K
- + TIP 30
-15V
Current Sink with 4 Decades of Resolution
+15V
51K
+ TIP 29 -
10K +5V 10K
VDD
VREFH
5M
5M
39 1W 39 1W
DPP1
CONTROL & DATA
CAT525 CAT525
5M
- +
5M
BS170P
1 mA steps
DPP2
3.9K
GND
VREFL
- BS170P + LM385-2.5
5 A steps
-15V
ISOURCE = 2 - 255 mA
Current Source with 4 Decades of Resolution
Doc. No. 2001, Rev. E
10
CAT525
ORDERING INFORMATION
Prefix CAT Device # 525 Suffix J I -TE13
Optional Company ID
Product Number
Package P: PDIP J: SOIC L: PDIP (Lead free, Halogen free) W: SOIC (Lead free, Halogen free)
Tape & Reel TE13: 2000/Reel
Temperature Range Blank = Commercial (0C to 70C) I = Industrial (-40C to 85C)
Notes: (1) The device used in the above example is a CAT525JI-TE13 (SOIC, Industrial Temperature, Tape & Reel)
11
Doc. No. 2001, Rev. E
REVISION HISTORY
Date 3/16/2004 7/12/2004 Rev. D E Reason Updated Potentiometer Characteristics Updated Functional Diagram Updated Potentiometer Characteristics
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP TM AE2 TM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents issued to Catalyst Semiconductor contact the Company's corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 1250 Borregas Avenue Sunnyvale, CA 94089 Phone: 408.542.1000 Fax: 408.542.1200 www.catsemi.com
Publication #: Revison: Issue Date: Type:
2001 E 7/12/04 Final


▲Up To Search▲   

 
Price & Availability of CAT525P-TE10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X